Part Number Hot Search : 
75000 MC332 3EZ150D MC34011P D2415 N60UF D2415 18600152
Product Description
Full Text Search
 

To Download NTH0505M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTH SERIES
Isolated 2W Dual Output SM DC-DC Converters
SELECTION GUIDE
Nominal Input Voltage Output Voltage Output Current Input Current at Rated Load Efficiency Isolation Capacitance MTTF1
Order Code5
NTH0505M NTH0509M NTH0512M NTH0515M NTH1205M
(V) 5 5 5 5 12 12 12 12
(V) 5 9 12 15 5 9 12 15
(mA) 200 111 83 67 200 111 83 67
(mA) 500 494 488 476 208 201 198 198
(%) 80 81 82 84 80 83 84 84
(pF) 24 28 30 33 35 55 63 66
kHrs 1547 663 338 187 490 343 229 148
FEATURES I Wide Temperature Performance at Full 2 Watt Load, -40C to 85C I Lead Frame Technology I CECC00802 Reflow (280C) I Dual Isolated Output I 1kVDC Isolation I Efficiency to 84% I Power Density 1.54W/cm3 I 5V & 12V Input I 5V, 9V, 12V and 15V Output I Footprint Over Pins 3.16cm2 I UL 94V-0 Package Material I No Heatsink Required I Internal SMD Construction I MTTF up to 2.1 Million Hours I Custom Solutions Available I Multi Layer Ceramic Capacitors I Lead Free Compatible DESCRIPTION
The NTH series of miniature surface mounted DC-DC Converters employ leadframe technology and transfer moulding techniques to bring all of the benefits of IC style packaging to hybrid circuitry. The component lead termination of this product range is leadfree compatible, therefore the converter can be soldered in a lead-free soldering process. The devices are fully compatible with CECC00802 to 280C which allows them to be placed and reflowed with IC's, thus reducing time and cost in production. Coplanarity of the lead positions is based upon IEC 191-6:1990. The devices are suitable for all applications where high volume production is envisaged.
NTH1209M NTH1212M NTH1215M
INPUT CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
Continuous operation, 5V input types 4.5 Voltage Range Continuous operation, 12V input types 10.8 5V input types Reflected Ripple Current 12V input types
5 12 50 70
5.5 13.2
V mA p-p
OUTPUT CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
Rated Power2 Output Voltage Accuracy Line regulation
TA = - 40C to 85C NTH0505 All other variants High VIN to low VIN 10% load to rated load, 5V output types Load Regulation3 10% load to rated load, 9V,12V & 15V output types BW=DC to 20MHz, 5V output types Ripple and Noise BW=DC to 20MHz, 9V output types BW=DC to 20MHz, 12V output types BW=DC to 20MHz, 15V output types
-5.0 -5.0 1.0 5.0 3.0 150 100 80 70
2.0 7.5 5.0 1.2 10 10 200 150 150 150
W % %/% %
mV p-p
ABSOLUTE MAXIMUM RATINGS
Short circuit duration4 Internal power dissipation Lead temperature 1.5mm from case for 10 seconds Input Voltage VIN , NTH05 types Input voltage VIN , NTH12 types 1second 550mW 300C 7V 15V
ISOLATION CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
Isolation Test Voltage Resistance
Flash tested for 1 second Viso=500VDC
1000 1
10
VDC G
GENERAL CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
Switching Frequency
1 2 3 4 5
All 5V input types All 12V input types
95 90
kHz
www.dc-dc.com
Calculated using MIL-HDBK-217F with nominal input voltage at full load. See derating curve. 12V input types have typically 3% less load regulation change. Supply voltage must be discontinued at the end of the short circuit duration. If components are required in tape and reel format suffix order code with -R, e.g. NTH0505M-R
All specifications typical at TA=25C, nominal input voltage and rated output current unless otherwise specified.
NTH SERIES
Isolated 2W Dual Output SM DC-DC Converters
TEMPERATURE CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
TUBE OUTLINE DIMENSIONS
- 40 - 55 30 25 85 125 C C C
18 Pin SMD Tube
0.091(2.30) +0.006(0.15) -0.010(0.25) 0.0240.006 (0.600.15)
Specification Storage Case Temperature above ambient Cooling
All output types All 5V output types All 12V output types Free Air Convection
0.567(14.40) 0.228(5.80) +0.031(0.80) -0.024(0.60)
PERFORMANCE CHARACTERISTICS
tolerance envelope Output Power (W) +10% +5% V nominal Output Voltage 3.0 +2.5% -2.5% -7.5% 2.5 2.0 1.5 1.0 0.5 0 -40 0 50 100 150 Ambient Temperature (C)
Safe Operating Area
0.819(20.80)
temperature derating graph
Tube length: 18.7000.079(4752.00) Tube material: Antistatic coated clear pvc
85C
PACKAGING DETAILS
Order Code Packaging Style QTY
NTHXXXXM NTHXXXXM-R
Tube Tape & Reel
25 400
10
50 Output Load Current (%)
100
Tape & Reel to IEC 286-3 Specifications. For tape and reeling packaging details refer to:
www.dc-dc.com/cd/products/application_notes.htm
MECHANICAL DIMENSIONS
18 Pin SMD Package Style Recommended Footprint Details Pin Connections
0.700 (17 .78) 0.600 (15.24)
26 24 22 18 16 14
0.600 (15.24)
0.079 (2.00)
0.710 (18.03) 0.500 0.690 (12.70) (17.53)
0.650 (16.50)
PIN 1 GND 3 VIN 5 NA1 9 -V 11 0V 13 +V 14 NA1 16 NA1 18 -V 22 NC2 24 NA1 26 NA1 Weight: 2.75g
1
3
5
9
1 1
13
Detail A
REFERENCE PLANE
0.100 (2.54) 12 Pins 0.029 (0.74) 0.025 (0.64)
0.2 M P S
0.100 (2.54)
0.039 (1.00) Min 0.197 (0.50) 5.00
0.2 M P S
0.108 (2.75)
0.108 (2.74) Max
0.535 (1.36) 0.417 (1.06) x12 Pins
DETAIL A
0.236 0.226 (6.00) (5.75)
S
SEATING PLANE
x12 Pins 0.060 (1.52) Max
S
0.1
0.010 (0.25) 0.004 (0.10)
0.012 (0.30) 0.008 (0.20)
1 NA - Not available for electrical connection 2 NC - No internal electrical connection C&D Technologies Inc. 3400 E Britannia Drive, Tucson, Arizona 85706, USA Tel: +1 (800) 547-2537 Fax: +1 (520) 741-4598 email: sales@cdtechno.com
All dimensions in inches 0.010 (mm 0.25). All pins on a 0.10 (2.54) pitch.
C&D Technologies (NCL) Limited reserve the right to alter or improve the specification, internal design or manufacturing process at any time, without notice. Please check with your supplier or visit our web site to ensure that you have the current and complete specification for your product before use. (c) C&D Technologies (NCL) Limited 2002 NDC NTH.1 No part of this publication may be copied, transmitted or stored in a retrieval system or reproduced in any way including, but not limited to, photography, photocopy, magnetic or other recording means, without prior written permission from C&D Technologies (NCL) Limited. Instructions for use are available from www.dc-dc.com C&D Technologies (NCL) Ltd Tanners Drive, Blakelands North Milton Keynes MK14 5BU, England Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545 email: info@cdtechno-ncl.com www: http://www.dc-dc.com


▲Up To Search▲   

 
Price & Availability of NTH0505M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X